Part Number Hot Search : 
BEFXX SEA6461J MTRPB 12N10 C67078 OA2NP34S 2SA1603R 014IRBL
Product Description
Full Text Search
 

To Download WA2230ML180A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 V ARISTORS
This product is not recommended for new designs. Please refer to Littelfuse series AUMLA.
Automotive Series SMD
Transient Multilayer Ceramic Transient Suppressors Voltage Suppressors for Automotive Applications Features
Thin layer, high precise techniques Lead free Bi-directional clamping Available with Nickel/Tin end termination or
Specifications
Packaging
Tape and Reel T 7 inch reel 0603 (4.000 0805-1206 (3.000 1210 (2.000 1812-2220 (1.000 pcs.) pcs.) pcs.) pcs.)
Material
Body: Terminals:
Ceramic (ZnO) Ni/Sn plated (code "P")
Applications
Dimensions
a
Temperature Operating Temperature
-55 to +125C
Circuit board and Devices Protection of Automotive * Airbag control * Wiper motors * Direct ignition * Engine control * Sensors
Solderability
acc. to IEC 60068-2-58 235C, 2s 260C, 10 sec. (IEC 60068-2-58) 280C, 5 sec. (IEC 60068-2-58)
Soldering Heat Resistance ( Temperature c oefficient ( V) of c lamping v oltage (Vc) @ specified test current
<0.01%/C
L T W
WebLinks
Further infos see: www.wickmanngroup.com Further technical infos see technical varistor file:
Standards
IEC 61000-4-2 MIL-STD-750
www.wickmanngroup.com/download/ techvaristor.pdf
Thermal Shock capability per MILSTD-750
Method 1051: -55C to +125C 5 min.@25C, 25 cycles 15 min.@each maximum 1.0 W max.
Power Dissipation
Maximum Ratings (125C)
Type
Packaging
Specifications (25C)
nominal voltage at 1mA (DC) test current V N(DC)min. V N(DC)max. (V) (V)
23.0 23.0 23.0 23.0 23.0 48.5 32.0 32.0 32.0 32.0 32.0 56.0
max. cont. working voltage VM(DC) (V)
18,0 18,0 18,0 18,0 18,0 38,0
load dump energy (10 pulses) WLD (J)
1.0 1.5 3.0 6.0 25.0 30.0
jump start voltage max. (5 min.) V jump (V)
24.5 24.5 24.5 24.5 24.5 50.0
max. clamping voltage at spec. current (8/20s) (V)
40 @ 1.5A 40 @ 1.5A 40 @ 1.5A 40 @ 5A 40 @ 10A 77 @ 10A Vc
typ. capacitance at 1MHz C typ. (pF)
500 900 2500 5000 4500 4000
typ. inductance
Ltyp. (nH)
1.5 1.8 1.8 2.5 3.0 3.0
WA0805ML180A WA1206ML180A WA1210ML180A WA1812ML180A WA2230ML180A WA2220ML380A
Order Information
050915
Qty.
OrderNumber
Type Terminal Type Terminal Code Packaging WA0805ML180 A P T
Americas Tel: +1 404 699-7820 E-mail: service@wickmannusa.com Asia Tel: +852 26 14-1108 E-mail: sales@wickmann.com.hk
Specifications are subject to change without notice China Tel: +86 21 6432 5146 E-mail: sales@wickmann.cn
WebSite Europe Tel: +49 2302 662-107 www.wickmanngroup.com E-mail: sales@wickmann.com


▲Up To Search▲   

 
Price & Availability of WA2230ML180A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X